microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 35 100 contacts 9 contacts 75 100 51 26 19 1 1 20 1 17 35 18 19 37 16 31 31 contacts 37 contacts 51 contacts 51 36 <4> - option only available with narrow potting cup style <1> - additional sizes may be available. contact factory for current availability <2> - currently only available in sizes 9-51 (uses #2-56) <3> - hi-rel recommends use of anti-seize compound to maximize life cycle see the first page of this section for perf ormance, material, and plating information 1 - narrow potting cup (no pcb mounting hardware available) 2 - standard potting cup w/through holes for #2-56 hardware hirelco part number code - ** vc * * * hdm p - plug, pin contacts connector gender s - receptacle, socket contacts connector type & termination vc - metal shell, vertical, condensed pcb mount (designs based on m83513) hirelco connector series hdm - micro d-subminiature a=9, b=15, c=21, d=25, e=31, f=37, g=51, & h=100 (includes or excludes pcb mounting hardware) potting cup style (number of contacts) <1> connector size (24 awg hot solder dipped) 1 - .109 .015 2 - .140 .015 4 - .190 .015 3 - .172 .015 5 - .250 .015 lead length * flange hardware sizes 9-51 uses #2-56, 100 uses #4-40 l - captive, low profile .050 hex jackscrew <4> k - captive, high profile slotted jackscrew <4> (or integral #4-40 nut for size 100 & 136) j - jackpost & self-locking threaded insert <2> commercial options: 7 - jackpost kit w/washer & nut <4> 5 - low profile slotted jackscrew <4> 6 - high profile slotted jackscrew <4> 2 - low profile .050 hex jackscrew <4> 3 - high profile .050 hex jackscrew <4> military options, narrow only (from m83513/05-xx): t - threaded insert, standard <2> b - .092 dia. mtg. holes for size 9-51 .150/.145 dia. mtg. hole for size 100 & 136 a - .125 dia. mtg. holes, for size 9-51 <4> .166 dia mtg holes for size 100 <4> x - threaded insert, self-locking <2>, <3> g - gold (aluminum) t - tin (aluminum) c - cadmium (aluminum) a - anodize (aluminum) s - passivation (stainless steel) n - electroless nickel (aluminum) shell finish (& material) style 2 only p - jackpost kit w/washer & nut for potting cup .043 typ (all sizes) .025 typ (all sizes) .050 typ (all sizes) 0.0750 (face view of pin insert shown, reverse order for socket side) contact arrangements 25 contacts 25 13 14 1 21 contacts 21 11 12 1 15 contacts 8 15 1 9 6 1 9 5 52 76 27 1 hdmvc ? vertical condensed pc board termination
microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 36 (size 9 plug (pin contacts) shown) sizes 9 - 37 (size 9 plug (pin contacts) shown) applies to all sizes narrow potting cup c see flange hardware options (option "7" jackposts shown) a b .308 [7.82] max. skt 1 pin 1 .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle see lead length options .330 [8.38] max 0.400 [10.16] 1.100 [27.94] 0.950 [24.13] 0.800 [20.32] 0.700 [17.78] 0.550 [13.97] 1.442 [36.63] 1.050 [26.67] c max. b 0.565 [14.35] nom. a max. 0.785 [19.94] 0.965 [24.51] 0.865 [21.97] 1.085 [27.56] 1.185 [30.10] 0.935 [23.75] 0.715 [18.16] 1.265 [32.13] 1.115 [28.32] 1.485 [37.72] 1.335 [33.91] 1.215 [30.86] 1.800 [45.72] 1.435 [36.45] 2.170 [55.12] see flange hardware options (option "j" jackposts shown) .210.020 [5.330.51] (jackpost option only) 9 25 21 15 37 31 51 100 dimensions are in inches [millimeters], to lerance unless otherwise noted is .005 [0.13] hdmvc ? vertical condensed pc board termination
microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 37 .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle see lead length options 015 [0.38] min. washout area .400 [10.16] max dimensions are in inches [millimeters], to lerance unless otherwise noted is .005 [0.13] see flange hardware options (option "j" jackposts shown) .400 [10.16] max 015 [0.38] min. washout area see lead length options .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle .360 [9.14] max skt 1 pin 1 a b see flange hardware options (option "j" jackposts shown) pin 1 skt 1 a b .510 [12.95] max (size 100 receptacle (socket contacts) shown) size 100 size 51 (size 51 plug (pin contacts) shown) hdmvc ? vertical condensed pc board termination
microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 38 .075 [1.90] typ all sizes .182 [4.64] typ sz 9-37 1.800 [45.72] .281 [7.14] 3 1 2 5791113 10 468 12 210 468 15 14 22 19 17 16 18 21 20 23 25 24 21 19 17 15 13 12 20 14 16 18 3 1 57911 19 6 25 24 23 5 4 26 28 30 32 34 36 27 29 31 33 35 10 79 8 11 13 12 17 15 14 16 37 18 13 15 16 18 3578 110 50 34 46 31 49 47 45 48 30 29 12 32 14 33 51 35 17 43 9 36 19 20 38 23 41 39 37 40 42 22 21 24 24 26 25 6 28 44 27 11 16 40 41 15 23 48 22 43 19 46 45 42 44 47 20 17 18 21 49 25 50 51 24 26 2 27 1 9 35 34 28 4 31 7 29 30 32 33 3568 10 37 13 38 36 12 11 39 14 96 73 99 90 67 93 70 91 89 92 94 95 97 100 98 52 78 55 81 58 84 61 87 80 79 77 82 83 85 86 88 64 76 66 56 54 53 57 59 60 62 65 63 68 69 71 72 75 74 3 1 6 2 5 8 4 79 2468 10 6 4 8 12 14 16 10 9 111315 14 12 2 25 22 20 21 24 23 57 9 29 28 26 27 30 31 11 13 15 34 2 28 29 3 30 5 4 31 32 6 33 8 7 34 35 9 36 11 10 37 38 12 39 14 13 40 41 15 42 16 27 1 1 2 19 20 36 4 21 23 37 6 22 24 38 .100 [2.54] typ sz 9-37 .075 [1.90] typ sz 9-37 .050 [1.27] typ sz 9-37 7 25 size 37 .025 [0.64] typ sz 9-37 10 11 13 15 16 17 18 .183 [4.65] typ sz 9-37 9 8 27 28 26 11 13 12 15 16 14 31 30 33 35 34 32 10 29 19 18 37 36 17 3 5 7 .0375 [0.95] typ sz 9 - 37 22 2 1 3 20 21 5 4 6 23 24 7 9 11 2 4 86 17 2 size 31 19 18 4 6 21 20 22 8 10 25 24 12 27 29 28 26 23 31 16 30 14 size 15 3 5 9 11 13 7 15 9 10 11 13 12 15 14 17 13 18 19 3 157 20 21 3 1 2 22 size 9 size 15 size 25 size 21 size 31 size 37 size 51 size 100 .080 [2.03] .037 [0.95] sz 51 & 100 .075 [1.90] typ all sizes .182 [4.64] typ sz 9-37 1.800 [45.72] .281 [7.14] receptacle (socket contacts) .075 [1.90] typ sz 51 & 100 .100 [2.54] typ sz 9-37 .075 [1.90] typ sz 9-37 .050 [1.27] typ sz 9-37 .025 [0.64] typ sz 9-37 .183 [4.65] typ sz 9-37 .0375 [0.95] typ sz 9 - 37 .715 [18.16] .565 [14.35] .865 [21.97] .965 [24.51] 1.115 [28.32] 1.265 [32.13] 1.215 [30.86] .0375 [0.95] .232 [5.91] .037 [0.95] sz 51 & 100 1 18 19 20 21 size 9 1 3 5 7 6 8 1 7 3 2 4 5 9 19 18 21 20 23 22 24 25 8 10 5 6 7 8 9 10 11 13 12 1 3 5 12 13 14 15 16 15 14 16 2 4 6 1 2 3 (shown from bottom of connector, solder side of pcb.) pcb termination arrangements plug (pin contacts) .715 [18.16] .565 [14.35] .865 [21.97] .965 [24.51] 1.115 [28.32] 1.265 [32.13] 1.215 [30.86] .0375 [0.95] .232 [5.91] .080 [2.03] dimensions are in inches [millimeters], to lerance unless otherwise noted is .005 [0.13] size 25 4 17 size 21 17 52 53 55 54 58 59 61 62 64 65 67 68 70 71 73 74 100 91 92 93 69 94 95 96 72 97 98 99 75 size 100 76 77 78 54 79 80 81 57 82 83 84 60 85 84 87 63 88 89 90 66 17 43 18 size 51 .075 [1.90] typ sz 51 & 100 40 44 45 20 19 46 47 21 48 23 22 49 50 24 51 26 25 8 26 39 9 25 27 41 28 43 29 42 12 45 30 44 14 47 31 46 32 48 33 49 51 50 35 hdmvc ? vertical condensed pc board termination
|